Part Number Hot Search : 
74AHCT1 2815T SM8761AA PESD5V0 DB305 50N06 FM260N 18VDC
Product Description
Full Text Search
 

To Download TDA10027HN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the tda10027 is a dual c able downstream processor. the cable downstream processor (cdp) im plements the physical interfaces and protocols required to provide the highes t quality services of an in-band docsis, eurodocsis, dvb, and opencable set-top box (stb). the downstream signals are digitized by 12-bit adc and passed to the demod and forward error correction (fec) blocks, which do all the cable physical layer processing. this processing includes demodulating and annex a (europe), annex b (us) or annex c (japan) fec for the in-band data. the out-of band (oob) receiver consists of a qpsk demodulator with fec, compliant to scte55-1 and scte55-2 standards, with either internal mac or pod support. data are digitized by a 10-bit adc. 2. features and benefits ? qpsk, 16 qam, 32 qam, 64 qam, 128 qam and 256 qam demodulator ? itu-t j83 annex a, b and c fec ? transport stream multiplex frame (tsmf) module for annex c compliance ? time interleaved parallel mode or serial mode for transport stream (ts) interface ? on chip pll for crystal frequen cy multiplication (16 mhz external) ? reuse of the tuner clo ck, saving one crystal ? embedded 12-bit adc ? 3.3 v and 1.2 v power supplies ? low power < 260 mw for dual stream operation ? small size package ? low cost bill of material ? oob: ? qpsk demodulator ? scte55-1 and scte55-2 fec ? embedded 10-bit adc TDA10027HN dual cable demodulator with out-of band receiver rev. 1 ? 8 november 2011 product short data sheet
TDA10027HN_sds all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product short data sheet rev. 1 ? 8 november 2011 2 of 8 nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver 3. quick reference data [1] t amb =25 ? c, v dd(1v2) and v dd(3v3) typical. [2] t j = 120 ? c, v dd(1v2) and v dd(3v3) maximum. 4. ordering information table 1. quick reference data symbol parameter conditions min typ max unit p power dissipation standby mode: all 3 adc in power-down mode and all clocks disabled -10 [1] 30 [2] mw operation mode: 1.2 v supply voltage; 2 simultaneous dvb-c demodulations (256 qam 6.9 msps) and 1 oob scte55-1 - 225 [1] 305 [2] mw 3.3 v supply voltage; 2 simultaneous dvb-c demodulations (256 qam 6.9 msps) and 1 oob scte55-1 -35 [1] 55 [2] mw p tot total power dissipation 2 simultaneous dvb-c demodulations (256 qam 6.9 msps) and 1 oob scte55-1 - 260 [1] 360 [2] mw v dd(1v2) supply voltage (1.2 v) 1.15 1.2 1.3 v v dd(3v3) supply voltage (3.3 v) 3.0 3.3 3.6 v v ih high-level input voltage v dd(3v3) related input levels 2.0 - v dd(3v3) + 0.5 v v il low-level input voltage ? 0.5 - +0.8 v table 2. ordering information type number package name description version TDA10027HN/c1 hvqfn64 plastic thermal enha nced very thin quad flat package; no leads; 64 terminals; body 9 ? 9 ? 0.85 mm sot804-4
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x TDA10027HN_sds all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product short data sheet rev. 1 ? 8 november 2011 3 of 8 nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver 5. block diagram fig 1. block diagram 001aam421 adc 0 (12-bit) adc data 0 adc data 0 cable downstream processor 0 tsmf 0 transport mux ts0 adc input 0 i2c-bus to dtl-mmio adc 2 (10-bit) adc data 2 adc input 2 i2c-bus interface adc 1 (12-bit) adc data 1 cable downstream processor 1 tsmf 1 ts1 ts output ts output ts0 ts1 adc input 1 oob config commands settings for different blocks cgu distributes clocks to all blocks rgu distributes resets to all blocks
TDA10027HN_sds all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product short data sheet rev. 1 ? 8 november 2011 4 of 8 nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver 6. limiting values [1] it withstands class iv of jedec standard. 7. abbreviations 8. revision history table 3. limiting values in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit t stg storage temperature ? 40 +150 ?c t j junction temperature - 120 ?c v esd electrostatic discharge voltage eia/jesd22-a114 (human body model) 2 - kv eia/jesd22-c101-c (fcdm) [1] 0.5 - kv table 4. abbreviations acronym description adc analog to digital converter cdp cable downstream processor cgu clock generation unit docsis data over cable service interface specifications dvb-c digital video broadcasting - cable fcdm field-induced charged-device model fec forward error correction mac media access control oob out-of band pll phase-locked loop pod point of deployement qam quadrature amplitude modulation qpsk quadrature phase shift keying rgu reset generation unit stb set-top box ts transport stream tsmf transport stream multiplex frame us united states table 5. revision history document id release date data sheet status change notice supersedes TDA10027HN_sds v.1 20111108 product short data sheet - -
TDA10027HN_sds all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product short data sheet rev. 1 ? 8 november 2011 5 of 8 nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 9.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
TDA10027HN_sds all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product short data sheet rev. 1 ? 8 november 2011 6 of 8 nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comple te, exhaustive or legally binding. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 9.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. i 2 c-bus ? logo is a trademark of nxp b.v. 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
TDA10027HN_sds all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product short data sheet rev. 1 ? 8 november 2011 7 of 8 nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver 11. tables table 1. quick reference data . . . . . . . . . . . . . . . . . . . . .2 table 2. ordering information . . . . . . . . . . . . . . . . . . . . .2 table 3. limiting values . . . . . . . . . . . . . . . . . . . . . . . . . .4 table 4. abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 4 table 5. revision history . . . . . . . . . . . . . . . . . . . . . . . . . 4 12. figures fig 1. block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
nxp semiconductors TDA10027HN dual cable demodulator with out-of band receiver ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 8 november 2011 document identifier: TDA10027HN_sds please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 13. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 legal information. . . . . . . . . . . . . . . . . . . . . . . . 5 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 5 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 9.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 10 contact information. . . . . . . . . . . . . . . . . . . . . . 6 11 tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 12 figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8


▲Up To Search▲   

 
Price & Availability of TDA10027HN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X